technical data sheet 1 / 3 right angle plug crimp type r223.183.000 cable 2.6/50 d series : mmbx issue : 0735 b in the effort to improve our products, we reserve t he right to make changes judged to be necessary. all dimensions are in mm. . . pn ao components body center contact outer contact insulator gasket others parts - - materials brass beryllium copper beryllium copper ptfe brass - - plating ( m m) npgr npgr npgr npgr - -
technical data sheet 2 / 3 right angle plug crimp type r223.183.000 cable 2.6/50 d series : mmbx issue : 0735 b in the effort to improve our products, we reserve t he right to make changes judged to be necessary. packaging standard unit other 100 w option contact us electrical characteristics impedance 50 w frequency 0 - 12.4 ghz vswr 1.10* + 0,0350 x f(ghz) maxi insertion loss 0.18 ? f(ghz) db maxi rf leakage - ( 100 ** - f(ghz)) db maxi voltage rating 250 veff maxi dielectric withstanding voltage 750 veff mini insulation resistance 1000 m w mini mechanical characteristics center contact retention axial force C mating end 10 n mini axial force C opposite end 10 n mini torque na n.cm mini recommended torque mating na n.cm panel nut na n.cm clamp nut na n.cm a/f clamp nut 0,0000 mm mating life 100 cycles mini weight 1,0000 g environmental operating temperature - 55/+155 c hermetic seal na atm.cm3/s panel leakage na specification cable assembly stripping a b c d e f mm 2,00 4,50 9,50 0,00 7,50 0,00 assembly instruction : recommended cable(s) k02252d characteristics indicated on this data sheet are th ose that can be achieved with the highest performance cable. intrin sic limitations of the cable may diminish the performance of the assem bly cable retention - pull off 110 n mini - torque na n.cm tooling part number description hexagon . . . r282.235.906 crimping dies 3.3 r282.293.000 crimping tool m22520/5-01 r282.868.000 extraction assembly tool other characteristics * to 6 ghz ** interface mmbx only up to 2.5 ghz
technical data sheet 3 / 3 right angle plug crimp type r223.183.000 cable 2.6/50 d series : mmbx issue : 0735 b in the effort to improve our products, we reserve t he right to make changes judged to be necessary. components 1 4 2 5 3 body cap stripping slide the ferrule onto the cable. strip the cable. tin the cable inner conductor. fan the braid. place the insulator into the body. place the cap into the body. slide mounting tool r282.868.000 onto the body groov es. drive the cap into rear opening of body by rotating the handle of the mounting tool. 6 push the connector body under the braid. slide the ferrule over the braid. crimp the ferrule with crimping tool ( see connecto r tds ). solder the inner conductor. ferrule 1 2 3 1 2 2 1 2 1 2 1 e a c b
|